PART |
Description |
Maker |
ATTINY26 ATTINY26-16MC ATTINY26-16MI ATTINY26-16PC |
8-bit Microcontroller with 2K Bytes Flash 2K Flash Program Memory, 160 Bytes SRAM, 128 Bytes EEPROM, 11 Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 8 MIPS throughput at 8 MHz. 3-volt operation 2K Flash Program Memory, 128 Bytes SRAM, 128-Byte EEPROM, 11-Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 16 MIPS throughput at 16 MHz 75 1% 1/16W 0402
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
ATMEGA16107 ATMEGA161L-14 |
Program and Data Memories 8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
|
ATMEL Corporation
|
AT90S8535-8PC AT90LS8535-8MI AT90LS8535-4MC AT90LS |
8-bit Microcontroller with 8K Bytes In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 RESISTOR, FIXED, FILM, CH 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, QCC44 Data and Nonvolatile Program Memories
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
ATMEGA48 ATMEGA168 ATMEGA88 |
4K byte self-programming Flash Program Memory, 512 byte SRAM, 256 Byte EEPROM, 8 Channel 10-bit A/D-converter(TQFP/MLF). debugWIRE On-chip Debug System. Up to 24 MIPS throughput at 24 MHz. 1.8 - 5.5 Volt Operation (ATmega48V). 16K Byte self-programming Flash Program Memory, 1K Byte SRAM, 512 Bytes EEPROM, 8 Channel 10-bit A/D-converter(TQFP/MLF). debugWIRE On-chip Debug System. Up to 24 MIPS throughput at 24 MHz. 1.8 - 5.5 Volt Operation (ATmega168V). 8K Byte self-programming Flash Program Memory, 1K Byte SRAM, 512 Bytes EEPROM, 8 Channel 10-bit A/D-converter(TQFP/MLF). debugWIRE On-chip Debug System. Up to 24 MIPS throughput at 24 MHz. 1.8 - 5.5 Volt Operation (ATmega88V).
|
Atmel
|
Q67106-H5157 SDA5649 SDA5649X Q67100-H5156 |
From old datasheet system Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
|
SIEMENS[Siemens Semiconductor Group] Infineon
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
MC68HC05E16CB MC68HC05E16CFB MC68HC05E16CFU |
16256 bytes of user ROM, 320bytes of EPROM and 352 bytes of RAM
|
Motorola, Inc
|
AT89S825307 |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
|
ATMEL Corporation
|
AT89S8253 AT89S8253-24PSC AT89S8253-24PSI AT89S825 |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
|
ATMEL Corporation
|
AN87C196KC |
16-bit high-performance CHMOS microcontroller. 16 Kbytes of on-chip EPROM, 232 bytes register file, 256 bytes of additional RAM
|
Intel
|
M30217MA-XXXXFP M30218FCFP |
Single chip 16-bit CMOS microcomputer. RAM size 12K bytes, ROM size 128K bytes
|
Mitsubishi Electric Corporation
|
M3062AFCVGP M30626FHPFP M30626FHPGP M30627FHPGP M3 |
Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K 4K bytes, RAM capacity = 20K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 96K bytes, RAM capacity = 5K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K bytes, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K 4K bytes, RAM capacity = 4K bytes, Single-chip 16-bit CMOS microcomputer, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 512K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K bytes, RAM capacity = 20K bytes
|
Renesas
|
|